PART |
Description |
Maker |
P2010A P2010A-08TT P2010A-08SR P2010A-08ST P2010A- |
Low Frequency EMI Reduction IC From old datasheet system Input Frequency Range 6 MHz to 210 MHz
|
ALSC[Alliance Semiconductor Corporation]
|
10M30CL1 |
Thru - Hole Type ( standard frequency 10.700 MHz ) ; available frequency range ( 10.695 ~ 10.800 MHz )
|
Mercury United Electron...
|
CY29949AXC CY29949AXCT CY29949AXI CY29949AXIT CY29 |
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 15; Operating Range: 0 to 70 C 29949 SERIES, LOW SKEW CLOCK DRIVER, 15 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52
|
Cypress Semiconductor, Corp. http://
|
FMC7G10US60 7070-12-ZDO |
IGBT Compact & Complex Module Building Entrance Terminal Signal Generator; Signal Generator Type:ARB/Frequency/Signal; Bandwidth Max:31.5MHz; Modulation Type:Amplitude/Frequency; Sweep Rate Range:0 Hz to 31.5 MHz lin/log; Sweep Time Range:1 mSec to 60 Sec; Accuracy:0.001% Frequency
|
FAIRCHILD[Fairchild Semiconductor] Bourns Inc. Fairchild Semiconductor Corporation
|
ASM5CVF857 ASM5CVF857-40QR ASM5CVF857-28TR ASM5CVF |
60 MHz to 200 MHz, 2.5 V wide-range frequency clock driver 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
|
Alliance Semiconductor Corporation
|
CY2305CSXA-1 |
3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 2305 SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
|
Cypress Semiconductor, Corp.
|
ASM3P2185A |
From old datasheet system Input Frequency Range 6 MHz to 210 MHz EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation] ETC
|
P2040A |
Input Frequency Range 30 MHz to 175 MHz
|
ALSC
|
CY29775AI |
Output frequency range: 8.3 MHz to 200 MHz
|
Cypress
|
CY23S08SXI-2T CY23S08SXC-2T CY23S08SXI-4 CY23S08SX |
3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 140 MHz; Outputs: 8; Operating Range: -40 to 85 C 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 140 MHz; Outputs: 8; Operating Range: 0 to 70 C 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp.
|
P1708C P1708CF-08TT P1708C-08SR P1708C-08ST P1708C |
PV SERIES Input Frequency Range 30 MHz to 175 MHz From old datasheet system Low Power Notebook LCD Panel EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
ADF4118BRUZ-RL ADF4118BRUZ-RL7 ADF4118BRU-REEL EVA |
Single, Integer-N, 3.0 GHz PLL; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 3000 MHz, PDSO16 RF PLL Frequency Synthesizers
|
Analog Devices, Inc.
|